Part Number Hot Search : 
CP0005 AT24WC M29F100B MC10130 72532R 331MH 12CTQ045 DNA03
Product Description
Full Text Search
 

To Download L2SC2411KXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Medium Power Transistor NPN silicon
FEATURE
Epitaxial planar type Complementary to L2SA1036K
L2SC2411K*LT1
3
1
Pb-Free package is available www..com
2
DEVICE MARKING AND ORDERING INFORMATION
Device L2SC2411KPLT1 L2SC2411KPLT1G (Pb-Free) L2SC2411KQLT1 L2SC2411KQLT1G (Pb-Free) L2SC2411KRLT1 L2SC2411KRLT1G (Pb-Free) Marking CP CP CQ CQ CR CR Shipping 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel 3000/Tape&Reel
SOT- 23 (TO-236AB)
3 COLLECTOR
1 BASE 2 EMITTER
MAXIMUM RATINGS (TA = 25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature *PC must not be exceeded. Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits 40 32 5 0.5 0.2 150 -55~+150 Unit V V V A* W C C
ELECTRICAL CHARACTERISTICS(TA = 25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltgae Collector cutoff current Emitter cutoff current DC current transfer ratio Collcetor-emitter saturation voltage Transition frequency Output capacitance hFE values are classified as follows: Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(sat) fT Cob Min. 40 32 5 82 Typ 250 6.0 Max. 1 1 390 0.4 Unit V V V A A V MHz pF Conditions IC=100A IC=1mA IE=100A VCB=20V VEB=4V VCE=3V IC/IB=500mA/50mA VCE=5V,IE=-20mA,f=100MHz VCB=10V,IE=0A,f=1MHz
Item hFE
P
82~180
Q
R
120~270 180~390
L2SC2411K*LT1-1/4
LESHAN RADIO COMPANY, LTD.
Electrical characteristic curves(TA = 25C)
L2SC2411K*LT1
1000 500
COLLECTOR CURRENT : I (mA)
VCE=6V
100
Ta = 25OC
A 0.50m
0.45m
A
COLLECTOR CURRENT : IC(mA)
200 100 50 20 10 5 2 1 0.5 0.2 0.1 0.2
0.40mA
www..com
C
Ta=100OC 80OC 25OC 25OC 55 OC
0.35mA
0.30mA
0.25mA
50
0.20mA
0.15mA
0.10mA
0.05mA
0
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
0
1
2
3
IB = 0A 4
5
BASE TO EMITTER VOLTAGE : VBE(V)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
Fig.1
Grounded emitter propagation characteristics
Fig.2
Grounded emitter output characteristics(I)
COLLECTOR SATURATION VOLTAGE : VCE(sat)(V)
500
Ta = 25OC
1
Ta = 25OC lC /l B = 10
COLLECTOR CURRENT : IC(mA)
400
300
2mA 1.8mA 1.6mA 1.4mA 1.2mA 1.0mA 0.8mA
0.5
0.2
200
0.1
0.6mA 0.4mA
100
0.05
0.2mA
0 0 1 2 3 4
IB= 0A 5
0.02 0.5 1 2 5 10 20 50 100 200 500 1000
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
Fig.3
Grounded emitter output characteristics(II)
Fig.4 Collector-emitter saturation voltage vs. collector current
L2SC2411K*LT1-2/4
LESHAN RADIO COMPANY, LTD.
L2SC2411K*LT1 Electrical characteristic curves(TA = 25C)
1000
VCE = 3V
TRANSITION FREQUENCY : fT(MHz)
500
www..com
200
DC CURRENT GAIN : h
FE
500
Ta = 25 C V CE = 5V
O
100
C Ta = 100O 75 C O 50 C O 25 C
O 0C O 25 C OC 50
O
200
100
50
20 10 0.1
50
0.2
0.5
1
2
5
10
20
50 100 200
500 1000
0.5
1
2
5
10
20
50
COLLECTOR CURRENT : IC(mA)
EMITTER CURRENT : IE(mA)
Fig.5 DC current gain vs. collector current
Fig.6 Gain bandwidth product vs. emitter current
COLLECTOR OUTPUT CAPACITANCE : Cob(pF)
: Cib(pF)
50
Ta = 25 C f = 1MHz IE =0A IC = 0A
Cib
O
EMITTER INPUT CAPACITANCE
20
10
Cob
5
2 0.5
1
2
5
10
20
CE
50
COLLECTOR TO BASE VOLTAGE : V EMITTER TO BASE VOLTAGE: VEB(V)
(V)
Fig.7
Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
L2SC2411K*LT1-3/4
LESHAN RADIO COMPANY, LTD.
L2SC2411K*LT1
SOT-23
NOTES:
www..com A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SC2411K*LT1-4/4


▲Up To Search▲   

 
Price & Availability of L2SC2411KXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X